PART |
Description |
Maker |
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
74F175 74F175SC 74F175SJ 74F175PC 74F175SCX 74F175 |
Quad D-Type Flip-Flop; Package: SOIC; No of Pins: 16; Container: Tape & Reel F/FAST SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74VHCT574A MC74VHCT74A ON1761 MC74VHCT74AD MC74V |
From old datasheet system Dual D-Type Flip-Flop with Set and Reset OCTAL D-TYPE FLLP-FLOP WITH SET AND RESET
|
ON Semiconductor Motorola
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC10H131FNR2G MC10H131MELG MC10H131FNG |
Dual D Type Master−Slave Flip−Flop 10H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC20 Dual D Type Master−Slave Flip−Flop 10H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
ON Semiconductor
|
54HC74 |
Dual D Flip-Flop with Set and Reset
|
Motorola Semiconductor
|
74ALVC74 |
Dual D-type flip-flop with set and
|
Philips
|
MC74HC74A |
Dual D Flip-Flop with Set and Reset
|
Motorola
|
SL74HC109 SL74HC109N SL74HC109D HC109 |
Dual J-K Flip-Flop with Set and Reset
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
CD54AC113A CD54ACT112 CD54AC112 CD54ACT113A |
Dual J-K Flip-Flop with Set and Reset Dual “J-K” Flip-Flop with Set and Reset Dual “J-K?/a> Flip-Flop with Set and Reset Dual “J-K Flip-Flop with Set and Reset
|
INTERSIL[Intersil Corporation]
|